PART |
Description |
Maker |
IRGP4066D-EPBF IRGP4066DPBF IRGP4066DPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
IRG4PC40FPBF IRG4PC40FPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR INSULATED GATE BIPOLARTRANSISTOR Fast Speed IGBT
|
International Rectifier
|
GT40G121 |
Insulated Gate Bipolar Transistor Silicon N Channel IGBT The 4th Generation Current Resonance Inverter Switching Applications TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
GT15Q311 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
MGP11N60E-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
CM1200HA-50H |
High Voltage Insulated Gate Bipolar Transistor (HVIGBT) Modules HIGH POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MGS05N60D |
Insulated Gate Bipolar Transistor
|
MOTOROLA[Motorola, Inc]
|
MP6753 |
INSULATED GATE BIPOLAR TRANSISTOR
|
Toshiba Semiconductor
|
IRG4PC30KPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|