PART |
Description |
Maker |
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
IRFR9024N IRFU9024N IRFRU9024N IRFR9024NTR IRFR902 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V Rds(on)=0.175ohm Id=-11A) P Channel Surface Mount HEXFET Power MOSFET(P沟道表贴型HEXFET功率MOS场效应管) P通道表面贴装HEXFET功率MOSFET的性(P沟道表贴型的HEXFET功率马鞍山场效应管)
|
http:// IRF[International Rectifier] International Rectifier, Corp.
|
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFP3710PBF IRFP3710PBF-15 |
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025Ω , ID = 57A ) HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025ヘ , ID = 57A ) ADVANCED PROCESS TECHNOLOGY
|
International Rectifier
|
IRF1104PBF IRF1104PBF-15 |
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009Ω , ID = 100A ) HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF7726 IRF7726TR |
Ultra Low On-Resistance Power MOSFET(Vdss=-30V) HEXFET? Power MOSFET -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package
|
IRF[International Rectifier]
|
IRFR9014 IRFU9014 IRFR9014TRL |
HEXFET Power MOSFET HEXFET功率MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-60V Rds(on)=0.50ohm Id=-5.1A) Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 5.1A
|
IRF[International Rectifier] Samsung semiconductor International Rectifier, Corp.
|
IRLD024 |
60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|