PART |
Description |
Maker |
D5003MC22P0 1171-1061 D1004MC22P0 |
Sens-A-Coil Temperature Sensor
|
Spectrum Microwave, Inc.
|
OSM910 OSM910P |
Position Sens ing Detector
|
OPTEK Technologies
|
GMRB6 |
Giant Magneto Resistive Position Sens...
|
Infineon
|
SW961230 |
INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
|
celduc-relais
|
SW960330 |
INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
|
celduc-relais
|
DMC16249UB DMC16249 |
SENS ACCLRMTR 5G TEMP COMP LCD Module Specification
|
Optrex America, Inc. OPTREX[OPTREX CORPORATION]
|
Q67006-A9171 TLE4921-3U |
Dynamic Differential Hall Effect Sensor IC(动态差分霍尔效应传感器芯片) Dynamic Differential Hall Effect Sens...
|
INFINEON[Infineon Technologies AG]
|
Q62705-K5002 GMRS4 |
Giant Magneto Resistive Position Sens... Giant Magneto Resistive Position Sensor
|
INFINEON[Infineon Technologies AG]
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
|