PART |
Description |
Maker |
CY7C1049CV33 CY7C1049CV33-15ZXC CY7C1049CV33-10VC |
4-Mbit (512K x 8) Static RAM 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO44 512K x 8 Static RAM 12k × 8静态RAM 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY62148DV30L CY62148DV30L-55ZSXI CY62148DV30LL CY6 |
4-Mbit (512K x 8) MoBL垄莽 Static RAM 4-Mbit (512K x 8) MoBL? Static RAM
|
Cypress Semiconductor
|
UPD4264405G5-A50-7JD UPD4265405G5-A50-7JD UPD42S65 |
2-Mbit (128K x 18) Flow-Through SRAM with NoBL Architecture x4 EDO Page Mode DRAM 512K (32K x 16) Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 128K x 8 Static RAM 128K的8静态RAM
|
Omron Electronics, LLC
|
CY62157EV18LL-55BVXI |
8-Mbit (512K x 16) Static RAM 512K X 16 STANDARD SRAM, 55 ns, PBGA48
|
Cypress Semiconductor, Corp.
|
CY7C1012DV3307 CY7C1012DV33-8BGXC |
12-Mbit (512K X 24) Static RAM 512K X 24 STANDARD SRAM, 8 ns, PBGA119
|
Cypress Semiconductor, Corp.
|
CY62157DV30 CY62157DV30LL-70ZXI CY62157DV30L CY621 |
8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 8兆位(为512k × 16)的MoBL静态RAM 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 55 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PDSO44 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-39 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-39 Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Matte Black RoHS Compliant: Yes Coaxial Cable; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes Quadruple 2-Input Positive-OR Gate 14-TSSOP -40 to 85 8-Mbit (512K x 16) MoBL(R) Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
UPD4265800LE-A80 UPD4264800LE-A80 UPD4265800LE-A70 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 64K x 16 Static RAM 1K x 8 Dual-Port Static RAM 1-Mbit (64K x 16) Static RAM x8快速页面模式的DRAM
|
STMicroelectronics N.V.
|
CY62148BNLL |
4-Mbit (512K x 8) Static RAM
|
Cypress Semiconductor
|
CY62148BNLL-70SXI |
4-Mbit (512K x 8) Static RAM
|
Cypress Semiconductor Corp.
|
CY62157EV18 CY62157EV18LL-55BVXI |
8-Mbit (512K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1049D-10VXI |
4-Mbit (512K x 8) Static RAM
|
Cypress Semiconductor
|
CY62157EV30LL-45BVI CY62157EV30LL-45BVXA CY62157EV |
8-Mbit (512K x 16) Static RAM
|
Cypress Semiconductor
|