PART |
Description |
Maker |
CE81 |
Semicustom CMOS Embedded array
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
UPD65530 UPD65510 UPD65565 UPD65567 UPD65507 |
ANACONDA LT TRANSCEIVER CMOS Gate Array.Embedded Array Ver.2.0 for Package | Design Manual[05/2003] CMOS门阵列Array.Embedded的包版本2.0 |设计手册[05/2003]
|
TE Connectivity, Ltd. Vishay Intertechnology, Inc.
|
CS201 |
Semicustom CMOS Standard Cell
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ATL35 |
Gate Array/Embedded Array-input NAND门阵嵌入式门阵列输入与非门))
|
Atmel Corp.
|
PALCE16V8H-5JC/5 PALCE16V8H-10PC/4 PALCE16V8H-15PC |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 KPTC 3C 3#20 SKT PLUG EE PLD, 15 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDIP20 KPT 5C 5#16 SKT RECP KPTC 4C 4#20 PIN PLUG KPT 4C 4#20 PIN PLUG EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AM28F256A AM28F256A-120EC AM28F256A-120ECB AM28F25 |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
|
AMD[Advanced Micro Devices]
|
SDED5-001G-NAT |
mDOC H3 Embedded Flash Drive (EFD) featuring Embedded TrueFFS? Flash Management Software
|
Sanken electric
|
0804-5000-01 0804-5000-02 |
Embedded SIP right angle mount POWERLINE MODULES SIMPLE Embedded PowerPacket Modules
|
Bel Fuse Inc.
|
MB60VHXXX MB63HBXXX MB61VHXXX MB653XXX MB63HXXX MB |
CMOS Gate Array
|
FUJITSU[Fujitsu Media Devices Limited]
|