PART |
Description |
Maker |
S29CD016J1JFAM033 S29CD016J1JFAM133 S29CD016J0JFAM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16兆位的CMOS 2.6伏或3.3伏,只有同时写,双启动,突发模式闪存记忆体与VersatileI /输出
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
S29GL016A10FAIR10 S29GL016A30FAIR10 S29GL032A10FAI |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION http://
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|
S29CD-J12 S29CL016J S29CL032J |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
|
SPANSION
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
AT45DB642-TI AT45DB642-TC |
64-megabit 2.7-volt Only Dual-interface DataFlash
|
Atmel Corp.
|
AT45DB041B-CU AT45DB041B-SU AT45DB041B-CNU AT45DB0 |
4-megabit 2.5-volt or 2.7-volt DataFlash 4M X 1 FLASH 2.7V PROM, PBGA14 4-megabit 2.5-volt or 2.7-volt DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. PROM Atmel, Corp.
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
AM28F010 AM28F010-200JEB AM28F010-150FIB AM28F010- |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 200 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 CMOS Dual Binary Up-Counter 16-TSSOP -55 to 125 CMOS Dual Binary Up-Counter 16-SO -55 to 125 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AT45CS1282 |
128 Megabit Code Shadow Flash 128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
|
ATMEL[ATMEL Corporation]
|
AM29LV004B AM29LV004BT-90FIB AM29LV004BB-120EC AM2 |
4 megabit CMOS 3.0 volt-only, boot sector flash memory 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩8位)的CMOS 3.0伏,只引导扇区闪 KC series Rotary switches have a no stop option and up to 12 positions and 4 poles
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] http://
|