PART |
Description |
Maker |
CBR3A-P060 CBR10A-J080 CBR6A-080 CBR10A-J020 CBR10 |
Bridge Rectifiers, Controlled Avalanche 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 10 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 1.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers/ Controlled Avalanche Leaded Bridge Rectifier Controlled Avalanche
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
DSA35 DSA35-12A DSA35-16A DSA35-18A DSAI35-12A DSA |
Rectifier Diode Avalanche Diode 49 A, 1800 V, SILICON, RECTIFIER DIODE, DO-203AB Rectifier Diode Avalanche Diode 49 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AB Rectifier Diode Avalanche Diode 49 A, 1200 V, SILICON, RECTIFIER DIODE, DO-203AB Discrete Rectifier Diodes Rectifier Diode Avalanche Diode
|
IXYS, Corp. IXYS[IXYS Corporation]
|
LCE9.0A LCE10A LCE11A LCE12A LCE13A LCE14A LCE15A |
Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
|
LITTELFUSE[Littelfuse]
|
NDL5531P NDL5531P1C NDL5531P1D NDL5531P2C NDL5531P |
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE 1 000 600 nm的光纤通信30毫米的铟镓砷雪崩光电二极管模
|
NEC, Corp. NEC[NEC]
|
DSAI17-12A DSAI17-16A DSAI17-18A DSA17-16A DSI17-1 |
Rectifier Diode Avalanche Diode 25 A, 1800 V, SILICON, RECTIFIER DIODE, DO-203AA Rectifier Diode Avalanche Diode 25 A, 1200 V, SILICON, RECTIFIER DIODE, DO-203AA Rectifier Diode Avalanche Diode 25 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AA Discrete Rectifier Diodes
|
IXYS, Corp. IXYS[IXYS Corporation] ETC[ETC]
|
15KP40CA |
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
DS2-12A DSA2-16A DSA2-12A DSA2-18A DS2-08A |
Rectifier Diode Avalanche Diode Discrete Rectifier Diodes Rectifier Diode Avalanche Diode 3.6 A, 1800 V, SILICON, RECTIFIER DIODE Rectifier Diode Avalanche Diode 3.6 A, 1600 V, SILICON, RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
RBV-2506 RBV-1506 RBV-1506S RBV-1306 RBA-1506S RBV |
Bridge Diodes 25 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 600V,Bridge Diodes(600V,桥二极 600V的,桥二极管00V的,桥二极管
|
http:// SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
BZW06-10 BZW06-102 BZW06-31 BZW06-5V8 BZW06-33B |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
SEMIKRON INTERNATIONAL
|
1N957B 1N959B 1N963B 1N962B 1N960B 1N958B 1N961B |
Silicon Z-Diodes(绋冲??靛?10V锛?ǔ瀹??娴?0mA???榻?撼浜??绠? Silicon Z-Diodes(稳定电压9.1V,稳定电0mA的硅齐纳二极 Silicon Z-Diodes(稳定电压7.5V,稳定电0mA的硅齐纳二极 From old datasheet system Silicon Z?Diodes
|
Vishay Intertechnology,Inc. TFUNK[Vishay Telefunken]
|
|