PART |
Description |
Maker |
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CSHD3-40 |
SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 40 VOLTS 3 A, 40 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER SINGLE/ 3.0 AMPS/ 40 VOLTS
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
B1100 B1X-13-F B190B-13-F B190-13 B170B-13 B170B-1 |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 63V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 90 V, SILICON, SIGNAL DIODE RECTIFIER SCHOTTKY SINGLE 1A 70V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 100 V, SILICON, SIGNAL DIODE 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
CSHD3-60 |
SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 60 VOLTS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
72CPQ030 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 70 Amp 30V 70A Schottky Common Cathode Diode in a TO-247AC package
|
IRF[International Rectifier]
|
SBT10100 SBT1020 SBT102010 SBT1030 SBT1040 SBT1045 |
Schottky Barrier Rectifier Diodes - Single Diode
|
Diotec Semiconductor
|
SBQ1030 SBQ1040 SBQ1020 SBQ1045 |
Schottky Barrier Rectifier Diodes ?Single Diode
|
Diotec Semiconductor
|
SBT1090 SBT10100 SBT1020 SBT1060 SBT1030 |
Schottky Barrier Rectifier Diodes . Single Diode
|
Diotec Semiconductor
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
1N6840 1N6841 |
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER Schottky Rectifier
|
Microsemi Corporation
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|