PART |
Description |
Maker |
SAB-C509-LM SAF-C509-L SAFC509-L SAF-C509-LM Q6712 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 DBMM25SN
|
Infineon Technologies A... SIEMENS AG Infineon Technologies AG
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
M34225M1 M34225M1-XXXFP M34225M1-XXXSP M34225M2-XX |
SINGLE-CHIP 4-BIT CMOS MICRCOMPUTERl MICROCONTROLLER,4-BIT,CMOS,SOP,36PIN,PLASTIC MICROCONTROLLER,4-BIT,CMOS,SDIP,30PIN,PLASTIC From old datasheet system
|
Mitsubishi Electric Corporation Mitsubishi Electric & Electronics USA MITSUBISHI[Mitsubishi Electric Semiconductor]
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
UPD75P0016 UPD75P0016CU UPD75P0016GB-3BS-MTX |
From old datasheet system MICROCONTROLLER,4-BIT,UPD75XL CPU,CMOS,SDIP,42PIN,PLASTIC MICROCONTROLLER,4-BIT,UPD75XL CPU,CMOS,QFP,44PIN,PLASTIC 4-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC] NEC Electron Devices
|
SAF-C517A-4RM SAB-C517A-4RM SAB-C517A-LM Q67127-C1 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQFP100 8-Bit CMOS Microcontroller 8-BIT, MROM, 18 MHz, MICROCONTROLLER, PQFP100
|
Siemens Semiconductor G... SIEMENS AG
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
PIC16LC717I/SS PIC16C717E/SS PIC16C771TE/SO PIC16C |
MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|20PIN|PLASTIC Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SSOP|20PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS | SSOP封装| 20针|塑料 Microcontroller 微控制器
|
Microchip Technology, Inc.
|
MB90F343CESPF MB90F343CE MB90F343CEPF MB90F343CEPF |
16-bit Proprietary Microcontroller CMOS 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP100 16-bit Microcontroller 16-bit Microcontroller
|
Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Media Devices Limited Fujitsu Component Limit...
|