PART |
Description |
Maker |
TLP561G07 |
Triac Driver Programmable Controllers AC−Output Module
|
Toshiba Semiconductor
|
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
TLP3051 TLP3052 |
Photocoupler GaAs Ired & Photo .Triac Office Machine Household Use Equipment Triac Driver Solid State Relay 办公室机器家庭使用的设备TRIAC驱动固态继电器
|
Toshiba Semiconductor Toshiba Corporation Toshiba, Corp.
|
MOC3041 MOC3043 MOC3042 |
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MOC3010MNL |
6-Pin DIP 250V Random Phase Triac Driver Output Optocoupler 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
MOC3083MNL |
6-Pin DIP 800V Zero Crossing Triac Driver Output Optocoupler 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
IDT5T9890 IDT5T9890NLI IDT5T9890NLI8 |
EEPROM Programmable 2.5V Programmable Skew PLL Clock Driver
|
IDT
|
TLP525G-2 TLP525G-4 TLP525G E006342 |
TRIAC DRIVE PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE From old datasheet system
|
Toshiba
|
Z0110NA/2AL2 Z0110NN/2AL2 Z0107MA/1AA2 Z0109MA/1AA |
TRIAC|800V V(DRM)|1A I(T)RMS|TO-92 MEMORY 16MBYTES 3 VOLT STRATAFLASH 56-LEAD TSOP 256MB SDRAM SODIMM IC APEX 20KE FPGA 200K 484-FBGA IC, ISP EPM7192SQC160-7 IC MAX 7000 CPLD 32 44-PLCC FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No CPLD Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:68-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 8Mb Boot Block Flash TRIAC|700V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 Programmable Logic IC; Logic Type:Programmable; Package/Case:84-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|TO-92 可控硅| 600V的五(DRM)的| 1A条口T)的有效值|92 TRIAC|700V V(DRM)|1A I(T)RMS|TO-92 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 600V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|采用SOT - 223
|
Electronic Theatre Controls, Inc. NXP Semiconductors N.V. OMRON Scientific Technologies, Inc. Supertex, Inc. TE Connectivity, Ltd. Omron Electronics, LLC
|
CQ220-8B CQ220-8D CQ220-8M CQ220-8N |
8.0 AMP TRIAC 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
SC245D-245 SC245B-242 SC265M-252 |
400 V, 10 A, TRIAC, TO-3 200 V, 10 A, TRIAC 600 V, 40 A, TRIAC
|
SEMITRONICS CORP
|