PART |
Description |
Maker |
TLP3214 |
LOGIC IC TESTERS / MEMORY TESTERS
|
Toshiba Semiconductor
|
BDD21088R BDD21089R BDD21092R BDD21095R BDD21096R |
Modular Tooling & Testers
|
Winchester Electronics ...
|
U1451A U1452A U1453A U1461A |
Insulation Resistance Testers
|
Keysight Technologies
|
AT17LV256A-10JC AT17LV040A-10BJC AT17LV010A-10BJC |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQCC44 5015 RR 19#16 PIN PLUG FPGA配置EEPROM存储 FPGA Configuration EEPROM Memory 4M X 1 CONFIGURATION MEMORY, PQCC44 FPGA Configuration EEPROM Memory 1M X 1 CONFIGURATION MEMORY, DSO8 FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP44 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-TSSOP -55 to 125 FPGA配置EEPROM存储 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 FPGA Configuration EEPROM Memory FPGA配置EEPROM存储 高速CMOS逻辑可复位双重单稳态多谐振荡器 PDIP-16封装 工作温度55℃_125 5015 RR 19#16 SKT PLUG High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-PDIP -55 to 125 5015 RR 8#16 PIN PLUG L/C High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SO -55 to 125 PhotoMOS Relay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Voltage:5V RoHS Compliant: No Connector assemblies, Ribbon (Flat); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-TSSOP -55 to 125 5015 RR 4#12 SKT PLUG High Speed CMOS Logic 4-Bit Parallel Access Register 16-TSSOP -55 to 125 High Speed CMOS Logic Dual 4-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input AND Gates 14-PDIP -55 to 125 HV7 33W WCDMA NH780HS
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
XC17S50APDG8C XC17S50ASO20C |
XC2S50 PROM C grade 559200 X 1 CONFIGURATION MEMORY, PDIP8 SERIAL PROM FOR 50000 SYSTEM GATE LOGIC 559200 X 1 CONFIGURATION MEMORY, PDSO20
|
Xilinx, Inc.
|
AM29F002T-90JCB AM29F002T-55EI AM29F002T-55JC AM29 |
FLASH 5V PROM, PDSO32 FLASH 5V PROM, PDIP32 High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位256亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 High Speed CMOS Logic Triple 3-Input NOR Gates 14-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 CAP, 180UF, 2V, 20%, 7343-28 High Speed CMOS Logic Non-Inverting Quad 2-Input Multiplexer with 3-State Outputs 16-CDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 MB 12C 8#20 4#16 PIN RECP High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 CAP,22uF,12.5VDC,20-% Tol,20 % Tol RoHS Compliant: Yes High Speed CMOS Logic 8-Bit Addressable Latch 16-CDIP -55 to 125 Am29F002/F002N - 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory LM3075 High Efficiency, Synchronous Current Mode Buck Controller; Package: TSSOP; No of Pins: 20; Qty per Container: 73; Container: Rail 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC SPANSION LLC http:// Advanced Micro Devices, Inc. ATMEL Corporation
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
ATC18 |
ER 4C 4#4 SKT RECP Embedded ASIC Memory Cell The ATC18 Cell-based ASIC (CBIC) family features a comprehensive library of 0.18-micron standard logic and I/O cells designed to operate with a supply voltage of 1.8V /- 0.15V and memory cells compiled to the precise requirements of the d
|
Atmel Corp. ATMEL Corporation
|
AT29LV512-25TI AT29LV512-25TC AT29LV512-25JI |
512K 64K x 8 3-volt Only CMOS Flash Memory High Speed CMOS Logic Quad 2-Input NAND Gates 14-PDIP -55 to 125 High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-SOIC -55 to 125
|
Atmel Corp.
|
29C256 AT29C256-15 AT29C256-70TC AT29C256-90PC AT2 |
256K 32K x 8 5-volt Only CMOS Flash Memory High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SO -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Atmel Corp.
|
ST1305B 5804 |
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control From old datasheet system
|
STMicro
|
AT25F1024 AT25F1024N-10SI-2.7 AT25F512 AT25F512N-1 |
High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-PDIP -55 to 125 SPI Serial Memory
|
Atmel Corp. ATMEL[ATMEL Corporation]
|