PART |
Description |
Maker |
V53C8256L |
High Peformance 3.3 Volt 256K x 8 Bit Fast Page Mode CMOS Dynamic RAM(高性能3.3V 256Kx8快速页面模式动态RAM)
|
Mosel Vitelic, Corp.
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
KTK-R-30 KTK-R-2-1/2 KTK-R-15 KTK-R-10 KTK-R-12 KT |
Fast-Acting Fuses 13/32x 1-1/2 Class CC - 600 Volt, 1/10 - 30 Amps 快断式保险丝13/32“1-1/2”,CC 600伏,110 30安培 Fast-Acting Fuses 13/32x 1-1/2 Class CC - 600 Volt, 1/10 - 30 Amps 快断式保险丝13/32“1-1/2”,CC 600伏,10 30安培
|
Electronic Theatre Controls, Inc.
|
MM60F020PC |
60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
|
Thinki Semiconductor Co., L...
|
SPD10192 SPD10192S SPD10192TX SPD10192TXV SPD10194 |
35 Amp FAST RECOVERY RECTIFIER 800 - 1400 Volt 250 nsec
|
Solid States Devices, Inc
|
AT45DB041B-SC-2.5 AT45DB041B-TC-2.5 AT45DB041B-TI |
MOSFET N-CH 200V 105A ISOPLUS247 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO28 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. ATMEL Corporation Atmel, Corp.
|
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
0263005.WRT1- 0263005.WRT1L 0263005.MXL 0263005.WA |
263 Series, PICO? II 250 Volt, Very Fast-Acting Fuse Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
|
Littelfuse
|
V43648S04VTG-10PC |
3.3 Volt 8M x 64 High Performance PC100 SDRAM Module with Unbuffered(3.3V 8M*64位高性能无缓冲器PC100 SDRAM模块) 3.3 Volt 8M x 64 High Performance PC100 SDRAM Module with Unbuffered(3.3V 8M*64浣???ц?????插?PC100 SDRAM妯″?)
|
Mosel Vitelic, Corp.
|
IDT72V36110L7.5PFI IDT72V36100L7.5PFI IDT72V36110L |
3.3 VOLT HIGH-DENSITY SUPERSYNC II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNC II36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNC II?/a> 36-BIT FIFO
|
Integrated Device Technology, Inc.
|
AT49F1024 AT49F1024-50VC |
x16 Flash EEPROM From old datasheet system 1-megabit (64K x 16) 5-volt Only Flash Memory 1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
IDT72T3675L4BB IDT72T3685L7BBI IDT72T3695L5BBI IDT |
2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS 8K X 36 OTHER FIFO, 3.6 ns, PBGA208 2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS 2.5伏高速TeraSyncTM FIFO6位配
|
Integrated Device Technology, Inc. Integrated Device Techn...
|