PART |
Description |
Maker |
5962-9206103H5X 5962-9206104H5X 5962-9206106H5X 59 |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors ±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown 1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 收发 Transceiver 收发
|
Littelfuse, Inc.
|
MAX3320CAP MAX3320EAP MAX3320A MAX3320ABLT MAX3302 |
16-Channel LVDS Receiver 64-TSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:17; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4A AutoShutdown Plus and Power-On Reset "3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4?A AutoShutdown Plus? and Power On Reset" 3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4レA AutoShutdown Plus and Power-On Reset 3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4μA AutoShutdown Plus and Power-On Reset
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
MAX3222EETP MAX3232EETE |
【15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 隆戮15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products
|
SP3232EEA-L-TR SP3232EEA-L/TR SP3232EEN-L-TR SP323 |
True 3.0V to 5.5V RS-232 Transceivers
|
Exar Corporation
|
SP3222 SP3222CA SP3222CP SP3222CT SP3222CY SP3222E |
True 3.0V to 5.5V RS-232 Transceivers
|
SIPEX[Sipex Corporation]
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX212EAG MAX212CAG-T |
3V-Powered, Low-Power, True RS-232 Transceiver
|
MAXIM - Dallas Semiconductor
|
MAX3222EEAPG2X MAX3222EEPNG2X MAX3222EPN MAX3241EC |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
MAXIM - Dallas Semiconductor
|