PART |
Description |
Maker |
X24645 X24645P X24645P-2.7 X24645PI X24645PI-2.7 X |
Voltage Regulator IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 先进2线串行e2座门锁TM保护胎膜早破 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 IC SW REG STEP-UP 1.4A SOT23-5 IC STEP-UP SW REG 1.4A 10-MLPD Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
|
TOKO, Inc. STMicroelectronics N.V. Electronic Theatre Controls, Inc. XICOR[Xicor Inc.]
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
LTC4263IDE-TR LTC3544BEUD LTC3544BEUD-PBF LTC4263I |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MB3827 MB3827PFV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
FUJITSU LTD Fujitsu Limited Fujitsu Component Limited.
|
MB3883PFV MB3883PV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Component Limited.
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
LTC1625 LTC1625CS LTC1625CGN LTC1625IGN LTC1625IS |
From old datasheet system No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator No R SENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|