PART |
Description |
Maker |
LTC3428EDD |
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
|
Linear Technology
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
MAX8855AETJ MAX885511 MAX8855ETJ |
Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
|
Maxim Integrated Products
|
MP2109DQ EV2109DQ-00A |
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
|
MPS[Monolithic Power Systems]
|
EV2109DQ-00A |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter .2MHz的,800mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
MAX1875 MAX1875EEG MAX1875-MAX1876 MAX1876 MAX1876 |
Dual 180° Out-of-Phase PWM Step-Down Controllers with POR Dual 180 Out-of-Phase PWM Step- Down Controllers with POR Dual 180?? Out-of-Phase PWM Step-Down Controllers with POR Dual 180∑ Out-of-Phase PWM Step- Down Controllers with POR
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT3971 |
2MHz Step-Down Regulator
|
Linear Technology
|
CMDSH2-3 SM8237 LB2012B220M LQH3C220 CMDSH-3 LEM25 |
1.2MHz STEP-UP CONVERTER
|
SamHop Microelectronics Corp.
|
LT3742 LT3742EUF-PBF LT3742EUF-TRPBF |
Dual, 2-Phase Step-Down Switching Controller
|
Linear Technology
|