PART |
Description |
Maker |
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
OP793 OP798 |
NPN Pho to tran sis tor with Base- Emitter Resistor
|
OPTEK Technologies
|
NESG2101M05-T1 NESG2101M05 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC Corp. NEC[NEC]
|
NESG2031M05-T1 NESG2031M05 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR 邻舍npn型硅锗高频陈德良SIS的职权范 From old datasheet system
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
PSB21381-HV1.3 PSB21383-HV1.3 |
SCOUT-S (Siemens Codec with S/T Trans... SCOUT-SX (Siemens Codec with S/T Tran...
|
Infineon
|
2N6576 2N6578 2N6577 |
15 AMPERE NPN DARLINGTON POWER TRAN 15-Ampere NPN Darlington Power Transistors
|
GE Security, Inc. GE[General Semiconductor] List of Unclassifed Manufacturers
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
M93S56-BN3 M93S46-BN3 M93S56-MN3 M93S56-MN3G M93S5 |
Quadruple 2-Input Positive-NAND Gates 14-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-TVSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Scan Test Devices With 20-Bit Universal Bus Transceivers 64-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Scan Test Devices With 18-Bit Universal Bus Transceivers 64-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Hex Schmitt-Trigger Inverters 14-SO -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 36-Bit Registered Bus Transceivers with 3-State Outputs 100-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4-To-1 Multiplexed/Demultiplexed Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Triple 3-Input Positive-AND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-PDIP -40 to 85 4Kbit2KbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-PDIP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4-To-1 Multiplexed/Demultiplexed Registered Transceivers With 3-State Outputs 56-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 12-Bit To 24-Bit Multiplexed D-Type Latches With 3-State Outputs 56-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 16-Bit Buffers/Drivers With 3-State Outputs 48-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-SOIC -40 to 85 RECTIFIER STANDARD SINGLE 10A 100V 100 600A-ifsm 10uA-ir 1V-vf R6 500/REEL-13 DIODE VOLT SUP TRAN BIPLR DO-201 36-Bit Bus Transceivers With 3-State Outputs 100-LQFP -40 to 85 25-Ohm Octal Bus Transceivers With 3-State Outputs 24-PDIP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 Triple 3-Input Positive-NAND Gates 14-SOIC -40 to 85 Triple 3-Input Positive-NAND Gates 14-PDIP -40 to 85 Triple 3-Input Positive-NAND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-PDIP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 Scan Test Devices With 18-Bit Transceivers And Registers 64-LQFP -40 to 85 TVS UNI-DIR 51V 1500W DO-201 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 11-Bit Incident-Wave Switching Bus Transceivers With 3-State and Open-Collector Outputs 48-SSOP -40 to 85 12-Bit to 24-Bit Multiplexed D-Type Latches With Series-Damping Resistors And 3-State Outputs 56-SSOP -40 to 85 RECTIFIER STANDARD SINGLE 10A 600V 600 600A-ifsm 10uA-ir 1V-vf R6 500/REEL-13 TVS UNI-DIR 33V 1500W DO-201 11-Bit Incident-Wave Switching Bus Transceivers With 3-State and Open-Collector Outputs 48-TSSOP -40 to 85
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|