PART |
Description |
Maker |
KBPC15-04 KBPC25-04 KBPC25-08 KBPC10-04 KBPC35-02 |
10 to 40 Amp SINGLE PHASE SILICON BRIDGE 1040安培单相硅桥 10 to 40 Amp SINGLE PHASE SILICON BRIDGE 100安培单相硅桥
|
Electronic Theatre Controls, Inc.
|
KBPC810 KBPC800 KBPC801 KBPC806 |
8.0 Amp SINGLE PHASE SILICON BRIDGE
|
First Components Intern... First Components International First Components Internatio...
|
KBP206 KBP200 KBP210 KBP208 |
2.0 Amp SINGLE PHASE SILICON BRIDGE
|
First Components International
|
KBPC606 KBPC600 KBPC601 KBPC604 KBPC610 KBPC602 |
6.0 Amp SINGLE PHASE SILICON BRIDGE
|
First Components International
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
DF01GS DF10GS DF06GS DF08GS DF005GS |
10.Amp Surface Mount Glass Single Phase Silicon Bridge
|
First Components International First Components Intern...
|
ISL6261A ISL6261ACRZ ISL6261ACRZ-T ISL6261AIRZ ISL |
1-Phase Core Controller (Santa Rosa, IMVP-6 ); Temperature Range: -40°C to 85°C; Package: 40-QFN T&R Single-Phase Core Regulator for IMVP-6 Mobile CPUs 1-Phase Core Controller (Santa Rosa, IMVP-6 ); Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
2W08 2W02 2W10 2W005 2W01 2W04 2W06 |
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS IC,Normally-Open PC-Mount Solid-State Relay,4-CHANNEL,M:HL053HD4.5
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
ISL8105 ISL8105AEVAL1Z ISL8105AIBZ ISL8105AIRZ ISL |
5V or 12V Single-Phase Synchronous Buck Converter PWM Controller withIntegrated MOSFET Gate Drivers 1V to 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R SWITCHING CONTROLLER, 660 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil Corporation Intersil, Corp.
|