PART |
Description |
Maker |
ISD1750A ISD1760A ISD1740A ISD1700A |
Multi-Message Single-Chip Voice Record&Playback Devices
|
Winbond Electronics WINBOND[Winbond]
|
ISD1616B ISD1616BP ISD1616BP01 ISD1616BPI ISD1616B |
Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
|
Winbond
|
ISD1964 ISD1932 |
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
TLGD175 |
2 CHIP LED LAMP FOR MESSAGE BOARD
|
TOSHIBA[Toshiba Semiconductor]
|
APR9301-V2 |
Circular Connector; No. of Contacts:43; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 单芯片语音记 SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
|
Aplus Integrated Circuits Inc.
|
SP506 |
Multi-Protocol Serial Transceivers 5V / Single Chip WAN Multi-Mode Serial Transceiver
|
Sipex
|
TH50VPN564 TH50VPN5640EBSB |
MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS PSEUDO SRAM AND NAND E2PROM MEMORY MIXED MULTI-CHIP PACKAGE
|
TOSHIBA
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
SP507CB SP507CF SP507 |
5V, Single Chip WAN Multi-Mode Serial Transceiver
|
SIPEX[Sipex Corporation]
|
585-4XXX 585-3111 585-3121 585-31X3 585-31X5 585-3 |
Multichip LED; LED Color:Green; Luminous Intensity:75mcd; Forward Current:15mA; Color:Green; Leaded Process Compatible:No; Mounting Type:Bayonet Base; Peak Reflow Compatible (260 C):No RoHS Compliant: No 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, ULTRA RED, 5.9 mm 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, ULTRA RED, 10.16 mm
|
Dialight PLC DIALIGHT[Dialight Corporation]
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|