PART |
Description |
Maker |
IRF1407 |
Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A? Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A?) POWER MOSFET(VDSS=75V, RDS(ON)=0.0078OHM, ID=130Aㄌ) Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A) Power MOSFET(Vdss=75V/ Rds(on)=0.0078ohm/ Id=130A)
|
International Rectifier
|
IRLZ44ZSPBF IRLZ44Z IRLZ44ZL IRLZ44ZLPBF IRLZ44ZPB |
AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5mΩ , ID = 51A) AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5mヘ , ID = 51A)
|
IRF[International Rectifier]
|
IRF2807ZSPBF IRF2807ZPBF IRF2807ZLPBF |
AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)
|
International Rectifier
|
AUIRFR2607Z |
Automotive Q101 75V Single N-Channel HEXFET Power MOSFET in a D-Pak Package
|
International Rectifier
|
AUIRF2907ZS-7P |
Automotive Q101 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak 7p Package
|
International Rectifier
|
IRF1405ZSPBF |
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m, ID = 75A )
|
International Rectifier
|
FDB045AN08A0 FDB045AN08NBSP FDB045AN08 |
N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?/a> N-Channel UltraFET ?Trench MOSFET 75V, 80A, 4.5mOhm From old datasheet system N-Channel UltraFET® Trench MOSFET N-Channel UltraFET Trench MOSFET 75V/ 80A/ 4.5m N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5mз 19 A, 75 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDP032N08 |
N-Channel PowerTrench? MOSFET 75V, 235A, 3.2mΩ N-Channel PowerTrench㈢ MOSFET 75V, 235A, 3.2mヘ
|
Fairchild Semiconductor
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDB3502 |
N-Channel Power Trench? MOSFET 75V, 14A, 47mΩ N-Channel Power Trench㈢ MOSFET 75V, 14A, 47mヘ
|
Fairchild Semiconductor
|
IRF1405LPBF |
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m, ID = 131A ) 汽车MOSFET的(减振钢板基本\u003d 55V的,RDS(on)\u003d 5.3米ヘ,身份证\u003d 131A章)
|
International Rectifier, Corp.
|