PART |
Description |
Maker |
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFI740GLC IRFI740GLCPBF |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.7A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A) HEXFET? Power MOSFET 400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFI744G IRFI744GPBF |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=0.63ohm Id=4.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A) 功率MOSFET(减振钢板基本\u003d 450V,的Rds(on)\u003d 0.63ohm,身份证\u003d 4.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
IRFI840GLC IRFI840GLCPBF |
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=4.5A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRFR9014 IRFU9014 IRFR9014TRL |
HEXFET Power MOSFET HEXFET功率MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-60V Rds(on)=0.50ohm Id=-5.1A) Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 5.1A
|
IRF[International Rectifier] Samsung semiconductor International Rectifier, Corp.
|
IRLD024 |
60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|