PART |
Description |
Maker |
ST72T141K2B1 ST72T141K2B6 ST72T141K2M1 ST72T141K2M |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
|
STMicroelectronics
|
ST72141K2-AUTO |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
CA2890B |
8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI" 模拟IC
|
STMicroelectronics N.V.
|
SX8120ISTRT SX8121ISTRT SX812X |
1 V motor/LED control timers 1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
|
Semtech Corporation
|
MIG20J806HA MIG20J806H EE08617 |
Silicon N-channel integrated IGBT module for high power switching, motor control applications N CHANNEL IGBT (HIGH POWER SWITCHING/ MOTOR CONTROL APPLICATIONS) HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) N通道IGBT的(大功率开关,马达控制应用
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
BUV41 |
Bipolar NPN Device in a Hermetically sealed TO3 8-bit MCU for automotive with nested interrupts, Flash, 10-bit ADC, brushless motor control, 5 timers, SPI, LINSCI"
|
Seme LAB
|
DSPIC33FJ64MC506A DSPIC33FJ64MC508A DSPIC33FJ64MC5 |
16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog 16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
|
Microchip Technology
|
STR910F STR911F STR912F |
ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带Ethernet, USB, CAN, AC电动机控 4个定时器, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带CAN,USB,9xDMA,内部FLASH和RAM的ARM9E)
|
意法半导
|
ST7MC1 ST7FMC2S5T6 ST7FMC2S5TC ST7MC2N6B6 ST7MC2S5 |
Global Limit Switches Series GLS: Top Plunger, 2NC Slow Action, 0.5 in - 14NPT conduit 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI 8位嵌套中断,闪存0位ADC,无刷电机控制,5个定时器,SPI和LINSCI微控制器 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44
|
意法半导 STMICROELECTRONICS
|
STR91XFA STR910FAM32X6 STR912FAW34X6 STR912FAW42X6 |
ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?/a> 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
STR91XFAX3X STR911FAW46 STR911FAW47 |
ARM966E-S⑩ 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
MB90462 E713714 |
Micro controller 16-Bit Proprietary F2MC-16LX Family Internal AC/DC Motor Control Macro Product From old datasheet system
|
Fujitsu
|
|