PART |
Description |
Maker |
LC33832M LC33832ML-10 LC33832ML-70 LC33832ML-80 LC |
256K (32768word x 8bit) Pseudo-SRAM 256 K (32768 words X 8 bits) Pseudo-SRAM 256度(32768字8位)伪SRAM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd.
|
IS75V16F64GS16-7080DI 75V16F64GS16 |
64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
|
ISSI[Integrated Silicon Solution, Inc]
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
CYU01M16ZCCU-70BVXI CYU01M16ZCC |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
AM49LV4608MB15IS AM49LV4608MT10IT AM49LV6408MB10I |
Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
|
SPANSION[SPANSION]
|
M24L216128SA-70BEG M24L216128SA-70BIG M24L216128SA |
128K X 16 PSEUDO STATIC RAM, 55 ns, PDSO44 0.400 INCH, LEAD FREE, TSOP2-44 2-Mbit (128K x 16) Pseudo Static RAM
|
Sharp Electronics, Corp. Elite Semiconductor Memory Technology Inc.
|
CY62147EV30LL-45BVXA CY62147EV30LL-45BVXI CY62147E |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor Corp.
|
CY7C1034DV33-8BGXC |
6-Mbit (256K X 24) Static RAM 256K X 24 STANDARD SRAM, 8 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1006D-10VXI |
1-Mbit (256K x 4) Static RAM 256K X 4 STANDARD SRAM, 10 ns, PDSO28
|
Cypress Semiconductor, Corp.
|
F49L400BA |
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory 4兆位(为512k × 8/256K × 16V时仅闪存的CMOS
|
Elite Semiconductor Memory Technology, Inc.
|