PART |
Description |
Maker |
2SK2219 1026 2SK2219-21 2SK2219-23 |
1 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET N-Channel Junction FET for Capacitor Microphone Applications(应用于电容器话筒的N沟道结型场效应管) N沟道场效应晶体管的结电容麦克风应用(应用于电容器话筒沟道结型场效应管 From old datasheet system N-Channel Junction Silicon FET
|
Sanyo Electric Co., Ltd.
|
SKDH116_12-L100 SKDH116_16-L100 SKDH116 SKDH116/12 |
MOSFET; ID (A): 0.02; VDS (V): 6; Pch : 0.1; |yfs| (S) typ: 0.024; PG (dB) typ: 24; Ciss (pF) typ: 1.75; NF (dB) typ: 1.5; IDSS (mA): -; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
EC3A01H |
N-Channel Silicon Junction FET - Electret Condenser Microphone Applications Junction FETs
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
STL40C30H3LL |
N-channel 30 V, 0.019 Ohm typ., 10 A, P-channel 30 V, 0.024 Ohm typ., 8 A STripFET(TM) V Power MOSFET in a PowerFLAT(TM) 5x6 d. i. package
|
ST Microelectronics
|
STS8C6H3LL |
N-channel 30 V, 0.019 Ohm typ., 8 A, P-channel 30 V, 0.024 Ohm typ., 6 A STripFET(TM) Power MOSFET in a SO-8 package
|
ST Microelectronics
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
2SK435 2SK435E |
Silicon N Channel MOS FET Silicon N-Channel Junction FET TRANSISTOR | JFET | N-CHANNEL | 22V V(BR)DSS | 40MA I(DSS) | TO-92
|
Hitachi Semiconductor
|
STW57N65M5 STI57N65M5 STP57N65M5 STB57N65M5 |
N-channel 650 V, 0.056 Ohm typ., 42 A MDmesh(TM) V Power MOSFET in D2PAK package N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET N-channel 650 V, 0.056 Ω typ., 42 A MDmesh V Power MOSFET in I2PAK, TO-220, TO-220FP and D2PAK packages
|
ST Microelectronics STMicroelectronics
|
2SK404 |
N-Channel Junction Silicon FET N-Channel Junction Silicon FET
|
SANYO
|
2SK61 |
Silicon N-Channel Junction FET
|
ETC
|
2SK1216 |
Silicon N Channel Junction Type
|
Panasonic
|