PART |
Description |
Maker |
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
MBR140SFT1 MBR140SFT3 |
1A 40V Schottky Rectifier Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
75SLQ045 75SLQ045-15 |
75V 45A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 A, 45 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier]
|
20CLQ045 20CLQ045PBF |
20 A, 45 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 20A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
IRF[International Rectifier]
|
DSSK30-01A IXYSCORP-DSSK30-01A |
Power Schottky Rectifier with common cathode 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|
DSSK50-01A |
Power Schottky Rectifier with common cathode 25 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|