PART |
Description |
Maker |
ZXTP07040DFF ZXTP07040DFFTA |
40V, SOT23F, PNP medium power transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTP08400BFF ZXTP08400BFFTA |
400V, SOT23F, PNP medium power high voltage transistor
|
Diodes Incorporated
|
ZXTP19100CFF ZXTP19100CFFTA |
2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100V, SOT23F, PNP medium power transistor
|
ZETEX PLC Diodes Incorporated Zetex Semiconductors
|
ZXTP25020BFHTA ZXTP25020BFH |
20V, SOT23, PNP medium power transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTP25020CFH |
20V, SOT23, PNP medium power transistor
|
Diodes Incorporated
|
ZXTN04120HFF ZXTN04120HFFTA |
120V, SOT23F, NPN medium power Darlington transistor
|
Diodes Incorporated
|
2SA1834 A5800344 2SC5001 2SC5001TLR 2SA1834TLR 2SC |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁| 10A条一(c)|律师- 63 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 10A I(C) | SC-63 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 10A I(C) | SC-63 Low VCE(sat) Transistor (Strobe flash) (-20V, -10A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
ROHM
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
2SA1585S 2SB1424 A5800357 2SB1424Q 2SA1585SR |
TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low Vce(sat) Transistor (-20V, -3A) From old datasheet system Low VCE(sat) Transistor(低VCE(sat)晶体 Low Vce(sat) Transistor (-20V/ -3A)
|
ROHM[Rohm] Rohm CO.,LTD.
|
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|