PART |
Description |
Maker |
ZXTN08400BFFTA ZXTN08400BFF |
400V, SOT23F, NPN medium power high voltage transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTN08400BFF ZXTN08400BFFTA |
400V, SOT23F, NPN medium power high voltage transistor
|
Diodes Incorporated
|
ZXTP07040DFF ZXTP07040DFFTA |
40V, SOT23F, PNP medium power transistor
|
Diodes Incorporated
|
ZXTP05120HFF ZXTP05120HFFTA |
120V, SOT23F, PNP medium power Darlington transistor
|
Diodes Incorporated
|
ZXTP08400BFF ZXTP08400BFFTA ZXTP08400BFF-16 |
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
|
Diodes Incorporated
|
ZXTN04120HFFTA ZXTN04120HFF |
120V, SOT23F, NPN medium power Darlington transistor
|
ZETEX[Zetex Semiconductors]
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
BC161-10 BC161-16 BC160 BC160-10 BC160-16 BC161 |
PNP medium power transistors 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
PHILIPS[Philips Semiconductors] Philipss NXP Semiconductors N.V.
|
2SAR340P |
PNP -100mA -400V Middle Power Transistor
|
ROHM
|