PART |
Description |
Maker |
ZRC500F01TA ZRC500F02TA ZRC500F03TA |
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
Diodes Incorporated
|
ZRC250F03TA ZRC250F01TA ZRC250F02TA |
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
Diodes Incorporated
|
ZRC25003 ZRC250F03 ZRC250 ZRC250A01 ZRC250A02 ZRC2 |
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
ZETEX[Zetex Semiconductors]
|
ZRC250 ZRC250A01 ZRC250A02 ZRC250A03 ZRC250F01 ZRC |
Low Capacitance Transient Voltage Suppressor Diodes 集成电路的Sm - 2.5V的电压参 Low Capacitance Transient Voltage Suppressor Diodes 集成电路.5V的高精度参 PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
ON Semiconductor ZETEX[Zetex Semiconductors]
|
IDT72V235L20PFI IDT72V225L20PF IDT72V225L20PFI IDT |
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 3.3伏的CMOS SyncFIFO 256 × 1812 × 18,024 × 18,048 × 18,和4,096 × 18 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 1K X 18 OTHER FIFO, 12 ns, PQFP64 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 3.3伏的CMOS SyncFIFO 256 × 1812 × 181,024 × 18,048 × 18,和4,096 × 18 Dual retriggerable monostable multivibrator with reset 3.3伏的CMOS SyncFIFO 256 × 1812 × 18,024 × 18,048 × 18,和4,096 × 18 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 256 X 18 OTHER FIFO, 10 ns, PQFP64 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 1K X 18 OTHER FIFO, 10 ns, PQFP64
|
Integrated Device Technology, Inc.
|
ADR292 ADR290FR ADR292FR ADR290ER-RELL ADR290FR-RE |
18V; low noise micropower precision voltage reference. For portable instrumentation, precision reference for 3 or 5V systems Precision, Micropower 2.5 V XFET(TM) Reference Precision, Micropower 4.096V XFET Reference Precision, Micropower 2.048 V XFET Reference Low Noise Micropower
2.048 V, 2.5 V, and 4.096 V
Precision Voltage References Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Low Noise Micropower Precision Voltage References 低噪声微精密电压基准 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
IDT72V205L15TF IDT72V225L15TF IDT72V235L15TF |
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
|
Integrated Device Techn...
|
ADR390AUJZ-R2 ADR390AUJZ-REEL7 ADR390BUJZ-REEL7 AD |
2.048 V Micropower Low Noise Precision Voltage References with Shutdown 4.096 V Micropower Low Noise Precision Voltage References with Shutdown
|
Analog Devices
|
IDT72V11165L15TFI IDT72V13165L15TFI IDT72V14165L15 |
3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16 256 X 16 OTHER FIFO, 10 ns, PQFP64 3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16 1K X 16 OTHER FIFO, 10 ns, PQFP64 3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16 2K X 16 OTHER FIFO, 10 ns, PQFP64
|
Integrated Device Technology, Inc.
|
HZS5LL HZS2ALL HZS2BLL HZS2CLL HZS2LL HZS3ALL HZS3 |
Diodes>Zener Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics, Corp.
|
IDT72V205 IDT72V205L10PF IDT72V205L10PFI IDT72V205 |
1K x 18 SyncFIFO, 3.3V 2K x 18 SyncFIFO, 3.3V 256 x 18 SyncFIFO, 3.3V 4K x 18 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 3.3 VOLT CMOS SyncFIFO?
|
IDT[Integrated Device Technology]
|
ADR5043AKSZ-REEL ADR5045ARTZ-REEL7 ADR5045AKSZ-REE |
Precision Micropower Shunt Mode Voltage Reference Applications (3.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 Precision Micropower Shunt Mode Voltage References Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial Precision Micropower Shunt Mode Voltage References
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|