PART |
Description |
Maker |
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
AP131-XXWG-7 AP131-XXWL-7 AP131-35WL-7 |
300mA LOW DROPOUT LINEAR REGULATOR WITH 1.5A Fast Ultra Low Dropout Linear Regulators 3.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5
|
Diodes Incorporated Diodes, Inc.
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
NCP623DM NCP623MN NCP623 NCP623MN-5.0R2 NCP623DM-3 |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, DSO6
|
ONSEMI[ON Semiconductor]
|
AP7363-XXSP-13 AP7363-XXE-13 AP7363-XXHA-7 AP7363- |
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 GREEN, SOT-223, 4 PIN
|
Diodes Incorporated Diodes, Inc.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
RT9187-11GQV RT9187-11GSP RT9187-11PQV RT9187-11PS |
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
LDO58 |
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|