PART |
Description |
Maker |
Z89371ZEM Z89371 Z8937101ZAC Z89371PLCC Z89371QFP |
Z89371 ACCESSORY KIT
|
ZILOG[Zilog, Inc.]
|
Z8937301ZAC Z89323 Z8932301ZEM Z89373 |
Z89373 ACCESSORY KIT
|
ZILOG[Zilog, Inc.]
|
USC1850-BM-L24 USC1850-BM-C24 USC1850-CI-DIE USC18 |
Intel® Server Accessory AXX6DRV3GEXP Intel® Server Accessory FXX830WPSUSPP, 830-Watt Redundant Power Supply. For SC5400BRP and SC5400LX Intel® Server Accessory FXXRIGPKG Intel® Server Accessory FXX6DRV3GEXPBRD, Board for AXX6DRV3GEXP Backplane Intel® Server Accessory FALBRIDGE, Bridge Board. For SR1500, SR1550 and SR2500 Intel® Server Accessory AXX6SCSIDB Video DAC without Color Palette 视频DAC没有调色 Intel® Server Accessory AXX6DRV3GEXP 视频DAC没有调色 Intel® Server Accessory FXXRIGPKG 视频DAC没有调色
|
Glenair, Inc. PLX Technology, Inc. Harris, Corp. TE Connectivity, Ltd. Silicon Laboratories, Inc. Bourns, Inc.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
10776A 10767A 10767B 10769A 10771A 10772A |
10776A Straightness Accessory Kit 10767A Retroreflector 10767B Lightweight Retroreflector 10769A Turning Mirror 10771A Angular Reflector 10772A Turning Mirror
|
Agilent (Hewlett-Packard)
|
FQAF10N80 |
CAPACITOR KIT, FLEXITERM MLCCCAPACITOR KIT, FLEXITERM MLCC; Kit contents:30 Values 6.7 A, 800 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET 800V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
21620 QFEXR-EVAL-KIT |
QFEXR-EVAL-KIT 8.75KB (PDF) QFEXR-EVAL-KIT - Evaluation Kit for the Am79C871 Device
|
Advanced Micro Devices
|
M38503M14H-700FP M38503M4-254FP M38503M2-403FP M38 |
NO-NIK KIT SCA-NN175-KIT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
9025 G10 |
Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
|
Virginia Panel Corporation
|