PART |
Description |
Maker |
Z8723304SSC Z87233 Z8723304PEC Z8723304PSC Z872330 |
CMOS Z8-R MCU Consumer Controller Processor
|
ZILOG[Zilog, Inc.]
|
MB81EDS516545 |
MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
|
Fujitsu Component Limited.
|
7997/3X10 7997/3X20 7997/4X25 |
MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-PDIP, TUBE SCHRAUBE INNENSECHSKANT POZ结构货币供应M30毫米Inhalt亲Packung0沙头角 MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-SOIC 208mil, TUBE “宽/螺丝NO4X3 / 4”的“CSK BX100 Inhalt亲Packung00沙头角。 MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-SOIC 150mil, T/R “宽/螺丝NO8X1”的“CSK BX100 Inhalt亲Packung00沙头角。
|
Dialight PLC TE Connectivity, Ltd.
|
OS32P3GB54 OT125A3GB41 OS20P3GB41 OS63G3GB41 OS63G |
2.0-5.5V 2MHZ, IQ/BW selectable, Dual, Low Pwer OP AMP, -40C to 125C, 8-SOIC 150mil, TUBE MCU CMOS 8LD 2K EPRM, -40C to 125C, 8-SOIC 208mil, TUBE 2.0-5.5V 2MHZ, I/BW selectable, Single, Low Power OP Amp, -40C to 125C, 8-MSOP, T/R NOCKENSCHALTER VORORT IP 41 MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-SOIC 150mil, TUBE MCU CMOS 8LD .5K EPRM, 0C to 70C, 8-SOIC 208mil, TUBE MCU CMOS 8LD .5K EPRM, -40C to 85C, 8-SOIC 150mil, T/R NOCKENSCHALTER VORORT知识产权41 16A MCU CMOS 8LD .5K EPRM, 0C to 70C, 8-SOIC 150mil, TUBE NOCKENSCHALTER VORORT知识产权30 25A
|
Omron Electronics, LLC
|
79852.5X6 79856X12 79852X6 |
SCHRAUBE POZIDRIV LINSE M2.5 6MM Inhalt pro Packung: 100 Stk. MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-SOIC 208mil, T/R MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-SOIC 150mil, T/R SCHRAUBE POZIDRIV林瑟货币供应M2毫米Inhalt亲Packung00沙头角
|
Molex, Inc.
|
MCP103 MCP121 MCP131 |
The MCP103 Series are CMOS voltage supervisors are well suited for many portable and consumer electrics applications due to the extremely ... The MCP121 Series of CMOS voltage detectors are well suited for many portable and consumer electrics applications due to the extremely ... The MCP131 Series, of CMOS voltage supervisors, are well suited for portable and consumer electrics applications due to the extremely ...
|
Microchip
|
Z86C03 Z86C06 |
CMOS Z8 8-BIT CCP CONSUMER CONTROLLER PROCESSORS 的CMOS Z8 8位中共消费者控制器处理
|
Zilog, Inc.
|
CXL5002M/P CXL5002M |
SPECIALTY CONSUMER CIRCUIT, PDSO8 CMOS-CCD 1/2H Delay Line for NTSC
|
SONY
|
AM79571-2JC AM79573-1PC AM79573-2JC AM79573-2DC AM |
24MHZ, PLCC, COM TEMP(MCU 5X) 24MHZ, TQFP, IND TEMP(MCU 5X) 8051 MCU 32K FLASH 4.0-5.5V,44 TQFP GRN(MCU 5X) 24MHZ, PDIP, COM TEMP(MCU 5X) 用户线接口电 CAN C51 64KFLASH PLCC52 CANBOOT GREEN 用户线接口电 Subscriber Line Interface Circuit 用户线接口电
|
Advanced Micro Devices, Inc. Souriau Connection Technology Analog Devices, Inc.
|
TC83220-0025 |
SPECIALTY CONSUMER CIRCUIT, PDIP42 Single-Chip CMOS LSI for FL (fluorescent) Calculator
|
TOSHIBA
|
HD6301Y0H HD63A01Y0H HD63B01Y0H HD63C01Y0H HD63C01 |
CMOS MCU(MICROCOMPUTER UNIT) CMOS MCU(MICROCOMPUTER UNIT) 的CMOS微控制器(微机组 SW ROCKER SPST 16A BK/WHT W/MRKG Toggle Switch; Circuitry:3PDT; Switch Operation:On-None-Off; Contact Current Max:10A; Actuator Style:Bat; Contact Rating:10A at 250VAC; Mounting Type:Panel; Size/Dimensions:HxWxD 1.955 x1.088 x1.308 in; Switch Features:Bat
|
Hitachi Semiconductor Hitachi,Ltd.
|
|