PART |
Description |
Maker |
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
ML671000 |
OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller From old datasheet system IC,MICROCONTROLLER,32-BIT,ARM7 CPU,CMOS,QFP,128PIN,PLASTIC
|
OKI electronic componets
|
W78E58P-16 W78E58P-24 W78E58-40 W78E58P-40 W78E54B |
8-BIT MICROCONTROLLER 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|44PIN|PLASTIC
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
C161K SAF-C161K-L25M SAF-C161K-LM SAB-C161K-L25M S |
(C161O) 16-Bit Single-Chip Microcontroller CONNECTOR ACCESSORY 16-Bit Single-Chip Microcontroller 16位单片机 16-BIT, 25 MHz, MICROCONTROLLER, PQFP80 16-Bit CMOS Microcontroller
|
Infineon Technologies A... Infineon Technologies AG
|
SAF-C517A-4RM SAB-C517A-4RM SAB-C517A-LM Q67127-C1 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQFP100 8-Bit CMOS Microcontroller 8-BIT, MROM, 18 MHz, MICROCONTROLLER, PQFP100
|
Siemens Semiconductor G... SIEMENS AG
|
SAB-C515-L24M SAF-C515-L24M SAB-C515-LM SAB-C515-1 |
8-Bit CMOS Microcontroller 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP80 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQFP80
|
Infineon Technologies AG SIEMENS AG
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
PIC16LC717I/SS PIC16C717E/SS PIC16C771TE/SO PIC16C |
MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|20PIN|PLASTIC Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SSOP|20PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS | SSOP封装| 20针|塑料 Microcontroller 微控制器
|
Microchip Technology, Inc.
|
UPD78011F UPD78011FGK-XXX-8A8 UPD78016FCW-XXX UPD7 |
(UPD7801xF) 8-Bit Single-Chip Microcontroller MICROCONTROLLER|8-BIT|UPD78K0 CPU|CMOS|QFP|64PIN|PLASTIC MICROCONTROLLER|8-BIT|UPD78K0 CPU|CMOS|SDIP|64PIN|PLASTIC
|
NEC Electronics
|