PART |
Description |
Maker |
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 SINGLE PHASE SILICON SINGLE PHASE SILICON SINGLE PHASE SILICON BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:15A
|
涓?捣???绉???????? CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
DB35-00506 DB35-10 DB35-01 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE CMOS, Low Voltage, Single 8 to 1 Multiplexer 3 PHASE, 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
EH8008ZI EH8006ZI EH8004ZI EH8012ZI EH10002ZI EH10 |
3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 100 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE TV 13C 13#22D SKT WALL RECP
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
G37100B1EB1 G3760B1EB1 G3780B1EB1 G3720B1EB1 G3740 |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 1000; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 600; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 800; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 200; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 400; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
VGOB36-08IO7 VGOB36-12IO7 VGOB36-14IO7 VGOB36-16IO |
Single Phase Rectifier Bridge 31 A, 1600 V, SCR Single Phase Rectifier Bridge 31 A, 1400 V, SCR Single Phase Rectifier Bridge 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS Corporation
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
2KBP06M 2KBP01M 2KBP005M 2KBP10M 2KBP08M 2KBP02M 2 |
2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE 2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
|
http:// New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
KBPC5010 MB5005 KBPC5001 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
MB354 KBPC3502 KBPC35005 KBPC3508 KBPC3504 KBPC351 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SOIC -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
DB151S05 DB154S-T DB153S-T DB151S-T RECTRONLTD-DB1 |
1.5 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE ROHS COMPLIANT, PLASTIC, DB-S, 4 PIN SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON LTD Rectron Semiconductor
|
BR108 BR1005 BR101 BR1010 BR102 BR104 BR106 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE MOSFET P-CH 200V 24A TO-247AD
|
RECTRON[Rectron Semiconductor]
|