PART |
Description |
Maker |
IP2002 |
Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
|
IRF[International Rectifier]
|
ISL653031EVAL1 ISL6530 ISL6530CB ISL6530CB-T ISL65 |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination Dual Low-Noise High-Drive Operational Amplifier 8-SOIC 0 to 70 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PDSO24 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PQCC32
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
APW7158 APW7158KE-TRG |
Dual Synchronous Buck PWM Controllers
|
Anpec Electronics Corop...
|
SP6134 SP6134CU SP6134CU_TR SP6134EU SP6134CU/TR S |
Dual Supply Synchronous Buck Controller
|
Sipex Corporation
|
MIC24420 MIC24420YML MIC24421YML |
2.5A Dual Output PWM Synchronous Buck Regulator IC
|
Micrel Semiconductor
|
ISL65426 ISL65426HRZ |
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
|
INTERSIL[Intersil Corporation]
|
MCP1601 |
The MCP1601 is a synchronous Buck (step-down) switching regulator that can continuously supply 500mA of load current. This DC/DC converter can provide output voltages of 0.9V to Vin with an operating efficiency that can exceed 92%. Althoug 500 mA Synchronous BUCK Regulator From old datasheet system
|
Microchip Technology
|
RT8100PQV RT8100GQV RT8100 |
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
|
Richtek Technology Corporat... Richtek Technology Corporation
|
RT9205A |
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
|
Richiek
|
RT9607A RT9607 |
Dual Channel Synchronous-Rectified Buck MOSFET Driver
|
Richtek
|