PART |
Description |
Maker |
R1224N222E R1224N182E R1224N182F R1224N182G R1224N |
PWM/VFM step-down DC/DC Converter
|
RICOH electronics devices division RICOH electronics devic...
|
R1234D171A R1234D171B R1234D301A R1234D301B R1234D |
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
|
RICOH electronics devices division
|
R1234D231A |
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier 脉宽调制/ VFM的降压型DC / DC同步整流变换
|
Ricoh Co., Ltd.
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
RH5RI301B RH5RI301B-T1 RH5RI301B-T2 RH5RI302B RH5R |
PowerManagementICs
VFM STEP-UP DC/DC CONVERTER
|
RICOH electronics devic... RICOH[RICOH electronics devices division]
|
UC3500 |
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
|
Unisonic Technologies
|
RN5RK202A-TL RN5RK361B-TL RN5RK272A-TL-FB RN5RK501 |
SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.03 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PDSO5 SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
APE2903N-44 APE2903N-40 APE2903N-45 APE2903N-48 AP |
MICROPOWER VFM STEP-UP DC/DC CONVERTER MICROPOWER VFM STEP-UP DC/DC CONVERTER
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
MAX758ACPA MAX758ACWE MAX758AEPA MAX758AEWE MAX758 |
Adjustable, PWM, Step-Down Regulator Circular Connector; No. of Contacts:32; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-32 RoHS Compliant: No 10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 Adjustable / Step-Down / Current-Mode PWM Regulators Adjustable, Step-Down, Current-Mode PWM Regulators Adjustable Step-Down Current-Mode PWM Regulators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|