PART |
Description |
Maker |
MU9C1480L-12DC MU9C1480L-12DI MU9C1480L-70DC MU9C1 |
90ns 3.3V 8192 x 64 MU9C1480A/L LANCAM 70ns 3.3V 8192 x 64 MU9C1480A/L LANCAM 120ns 3.3V 8192 x 64 MU9C1480A/L LANCAM 90ns 5.0V 8192 x 64 MU9C1480A/L LANCAM 70ns 5.0V 8192 x 64 MU9C1480A/L LANCAM 120ns 5.0V 8192 x 64 MU9C1480A/L LANCAM The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM) Content Addressable Memory 内容可寻址存储
|
MUSIC Semiconductors List of Unclassifed Manufacturers Atmel, Corp.
|
MU9C4480L MU9C4480A |
(MU9C4480A/L) Lancam B is The Smallest
|
Music Semiconductors
|
MU9C8481L-10DC MU9C2481L-10DC MU9C4481L-10DC |
LANCAM? 1ST Family
|
MUSIC Semiconductors
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
74ABT2240 74ABT2240D 74ABT2240DB 74ABT2240N 74ABT2 |
From old datasheet system Octal inverting buffer with 30W series Octal inverting buffer with 30ohm series termination resistors 3-State ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
BR25S128GUZ-W11 |
High Reliability Series Serial EEPROM Series WL-CSP EEPROMs family
|
Rohm
|
P772-015 |
15-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
|
Tripp Lite. All Rights ...
|
P772-002 |
2-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
|
Tripp Lite. All Rights ...
|
P772-006 |
6-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
|
Tripp Lite. All Rights ...
|
EVK-ACT8945AQJ303-T |
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
|
Active-Semi, Inc
|