PART |
Description |
Maker |
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|
IRFP244 |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=15A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A) 功率MOSFET(减振钢板基本\u003d 250V,的Rdson)\u003d 0.28ohm,身份证\u003d 15A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFD224 |
250V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier
|
IRFD214 |
250V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier
|
IRF634S IRF634STRL IRF634STRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A) Power MOSFET(Vdss=250V/ Rds(on)=0.45ohm/ Id=8.1A)
|
IRF[International Rectifier]
|
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
PSX96B-133PQ160 PSX160-PQ240 PSX160-50MQ240 PSX96B |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF9540NL with Lead-Free Packaging User Programmable Special Function ASIC -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9120N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9120N with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7420 with Lead Free Packaging 用户可编程ASIC的特殊功 -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU6215 with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7410 with Lead-Free Packaging. 用户可编程ASIC的特殊功
|
Ironwood Electronics
|
IDT61298S25TC IDT61298S25TCB IDT61298S25L28B IDT61 |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 600V Fast 1-8 kHz Discrete IGBT in a D2-Pak package x4的SRAM x4 SRAM x4的SRAM
|
STMicroelectronics N.V. Unisonic Technologies Co., Ltd. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|