PART |
Description |
Maker |
NSR0240P2T5G |
40V 0.2A low IR SOD-923 Schottky Diode 0.2 A, 40 V, SILICON, SIGNAL DIODE Schottky Barrier Diode
|
ON Semiconductor
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
IRF7322D1 |
MOSFET Schottky Diode ( VDSS = -20V , RDS(on) = 0.058W , Schottky Vf = 0.39V ) FETKY? MOSFET / Schottky Diode
|
International Rectifier
|
CMPSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
SDM100K30L-7 SDM100K30L08 |
DIODE SCHOTTKY 30V 1.0A SOD323 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
MBRX120-TP MBRX160 MBRX12011 MBRX140 |
DIODE SCHOTTKY 20V 1A SOD123 1 A, 20 V, SILICON, SIGNAL DIODE 1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
|
Micro Commercial Components, Corp.
|
NTLUF4189NZ NTLUF4189NZTAG NTLUF4189NZTBG |
Power MOSFET and Schottky Diode 30 V, N−Channel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
|
ON Semiconductor
|
BAT54CW |
30V 0.2A Schottky Common Cathode Diode in a SOT-323 package SCHOTTKY DIODE 0.2 Amp
|
International Rectifier
|
BAT60B Q62702-A1189 BAT60 Q62702-A118 |
From old datasheet system Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
|
SIEMENS[Siemens Semiconductor Group]
|
BAT54WS |
30V 0.2A Schottky Discrete Diode in a SOD-323 package SCHOTTKY DIODE 0.6 Amp
|
International Rectifier
|
151CMQ 151CMQ050 151CMQ035 151CMQ040 151CMQ045 |
DIODE 150 A, 50 V, SILICON, RECTIFIER DIODE, TO-249AA, D-60, MODIFIED TO-249AA, 9 PIN, Rectifier Diode SCHOTTKY RECTIFIER 35V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 40V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 45V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package
|
Vishay Semiconductors IRF[International Rectifier]
|