PART |
Description |
Maker |
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
MAX542 MAX542ACPD MAX542ACSD MAX542AEPD MAX542AESD |
5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP8 5V / Serial-Input / Voltage-Output / 16-Bit DACs CALIBRATION UNIT FOR WS STATIONS From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HDF911F11 |
Only leads of component may be soldered. Please avoid soldering another part of component
|
Shoulder Electronics Li...
|
MM1519XQ |
Component input video swich with I2C BUS
|
Mitsumi
|
ISL9222A ISL9222AIRTZ-T |
High Input Voltage Charger Low Component Count and Cost
|
Intersil Corporation
|
AD7183 |
Advanced Video Decoder with 10-Bit ADC and Component Input Support
|
AD[Analog Devices]
|
SL74HC166 SL74HC166D SL74HC166N SL74HC166H |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register 8-bit serial or parallel-input/serial-output shift register. High-performance silicon-gate CMOS.
|
System Logic Semiconduc... SLS[System Logic Semiconductor]
|
MC74HC165AN MC74HC165A MC74HC165AD MC74HC165ADR2 M |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS 8-Bit Serial or Parallel-Input/Serial-Output Shift Register
|
ONSEMI[ON Semiconductor]
|
AD5570WRSZ AD5570-15 |
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 12 us SETTLING TIME, 16-BIT DAC, PDSO16 True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
|
Analog Devices, Inc.
|
AD7390 AD7390AN AD7390AR AD7390AR-REEL7 AD7391AN A |
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs SERIAL INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDSO8 3/ 5 Volt Serial-Input Micropower 12-Bit DAC SERIAL INPUT LOADING, 70 us SETTLING TIME, 12-BIT DAC, PDSO8 1.75 MM HEIGHT, SOIC-8 3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
24C16 AT24C164 24C164 AT24C164-10SI-2.7 AT24C16 AT |
2-Wire Serial EEPROM 2-WireSerialEEPROM 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Triple 3-Input Positive-NOR Gate 14-SOIC -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Triple 3-Input Positive-NOR Gate 14-TVSOP -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|