PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
KIA7435F KIA7435P KIA7421F KIA7421P KIA7434F KIA74 |
VOLTAGE DETECTOR 电压检测器 (KIA7419 - KIA7445) VOLTAGE DETECTOR Active High Voltage Detector
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
MAX6380 MAX6380R33-T MAX6380R34-T MAX6380R35-T MAX |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 2.4V Ultra-low-power voltage detector, 2.8V Ultra-low-power voltage detector, 3.4V Ultra-low-power voltage detector, 3.3V Ultra-low-power voltage detector, 4.2V 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 2-W Stereo Audio Power Amplifier with DirectPath(TM) Headphone and Regulator 32-QFN -40 to 85 50-mW Ultra Low-Voltage Stereo Headphone Audio Amplifier 8-MSOP -40 to 85 3-Pin Ultra-Low-Power SC70/SOT23 Voltage Detectors " 3-Pin, Ultra- Low-Power, SC70 Voltage Detector" "3-Pin, Ultra- Low-Power, SC70 Voltage Detector" 3-Pin / Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 4.1V Ultra-low-power voltage detector, 3.9V Ultra-low-power voltage detector, 3.6V Ultra-low-power voltage detector, 3.7V Ultra-low-power voltage detector, 2.2V Ultra-low-power voltage detector, 3.0V Ultra-low-power voltage detector, 4.6V
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
AAT3564 AAT3560 AAT3560IGY-2.20-T1 AAT3560IGY-2.50 |
NanoPower Voltage Detector NanoPower垄芒 Voltage Detector NanoPower⑩ Voltage Detector
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MC145010DW MC145010P MC145011DW MC145011P MC145012 |
Photoelectric Smoke Detector with I/O Micro-Power Comparator plus Voltage Follower Photoelectic Smoke Detector IC with I/O and Temporal Pattern Horn Driver Ionization Smoke Detector with I/O For Line-Powered Applications Timing Circuits Other Analog Circuits
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
1SV228 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BTB16-600BRG BTB16-600BW BTB16-600BWRG BTB16-600C |
16A TRIACS ROTARY LEVER, SQUARE; Approval Bodies:BEAB, CSA, VDE, UL; Colour:Black; Current, contact @ contact voltage AC max:6A; Depth, external:42mm; IP rating:IP65; Length / Height, external:18mm; Material, contact:Silver; Operations, RoHS Compliant: Yes 16 A Triac
|
??????浣? ST Microelectronics STMicroelectronics 意法半导
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|