PART |
Description |
Maker |
X9271-2.7 |
Single Supply/Low Power/256-Tap/SPI Bus
|
http://
|
X9279UV14Z-2.7 X9279 X9279TV14 X9279TV14-2.7 X9279 |
Single Supply/Low Power/256-Tap/2-Wire Bus
|
INTERSIL[Intersil Corporation]
|
X9269 X9269US24 X9269US24-2.7 X9269US24I X9269US24 |
Single Supply/Low Power/256-Tap/2-Wire Bus 3A,400V,SILASTIC RECT.
|
http:// Intersil Corporation
|
MAX1115 MAX1115EKA MAX1116EKA MAX1116 |
0.3-6V; single-supply, low power, serial 8-bit ADC. For low power data acquisition, portable temperature monitors, flowmeters, touch screens "Single-Supply, Low-Power, Serial 8-Bit ADCs" (MAX1115 / MAX1116) Single-Supply / Low-Power / Serial 8-Bit ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX4330 MAX4330EUK-T MAX4331 MAX4331ESA MAX4331EUA |
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown OP-AMP, 700 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Power, Single-Supply,Rail-to-Rail I/O Op Amps with Shutdown Single/Dual/Quad / Low-Power / Single-Supply / Rail-to-Rail I/O Op Amps with Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
EL2150 EL2150CS-T13 EL2150CS-T7 EL2150CW-T7 EL2150 |
Op Amp, Video, 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output, with High Speed Disable and Power-Down 125MHz Single Supply/ Clamping Op Amps 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
M39P0R1080E4ZASE M39P0R1080E4ZASF M39P0R9080E4 M39 |
512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package 512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|
MAX976 MAX976ESA MAX976EUA MAX976-MAX998 MAX978EEE |
From old datasheet system Single/Dual/Quad SOT23 Single-Supply High-Speed Low-Power Comparators Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators Single/Dual/Quad / SOT23 / Single-Supply / High-Speed / Low-Power Comparators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1084 MAX1084ACSA MAX1084AESA MAX1084BCSA MAX108 |
400ksps/300ksps / Single-Supply / Low-Power / Serial 10-Bit ADCs with Internal Reference From old datasheet system " 400ksps/300ksps, Single- Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference" 400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference 400ksps/300ksps、单电源、低功耗、串0位ADC,内置电压基
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1394 LT1394CS8TR |
7ns, Low Power, Single Supply, Ground-Sensing Comparator(7ns, 低功耗,单电源,地电平敏感比较器) 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation
|