PART |
Description |
Maker |
X5165 X5163 X5163_06 X5163P X5163P-2.7 X5163P-2.7A |
CPU Supervisor with 16Kbit SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
X5043 X5043P-4.5A X5045 X5043V14I-4.5A X5043M8 X50 |
CPU Supervisor with 4K SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
X5045 X5043 X5043_06 X5043M8 X5043M8-2.7 X5043M8-2 |
CPU Supervisor with 4K SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
X40420S14-B X40420S14-C X40420S14-A X40420S14I-B X |
Dual Voltage Monitor with Intergrated CPU Supervisor 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14 Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
|
INTERSIL CORP Intersil, Corp. http:// Intersil Corporation
|
ASM706SCPA ASM706SCSA ASM706SCUA ASM706SEPA ASM706 |
CPU Supervisors with Watchdog Timer and Power Fail Detector CPU Supervisors with Power Fail Detector CAC 3C 3#16S SKT RECP BOX 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 4 V, mP supervisor circuit 2.93 V, mP supervisor circuit 3.08 V, mP supervisor circuit
|
http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
X4003M8Z-4.5A X4005 X4003_06 X4003M8 X4003M8-2.7A |
CPU Supervisor
|
INTERSIL[Intersil Corporation]
|
X5001PIZ-2.7A X5001PI-2.7A X5001S8I-2.7 X5001S8IZ- |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil, Corp.
|
X5083PIZ-4.5A X5083PIZ-2.7A X5083V8Z-2.7A X5083V8Z |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil, Corp.
|