PART |
Description |
Maker |
X25F008 X25F008P X25F008P-5 X25F008PE X25F008PE-5 |
SerialFlash?/a> Memory With Block LockTM Protection SerialFlash⑩ Memory With Block LockTM Protection SerialFlash Memory With Block LockTM Protection SerialFlashMemory With Block LockTM Protection SerialFlash⑩带座LockTM内存保护 SerialFlash??Memory With Block LockTM Protection SerialFlash?Memory With Block LockTM Protection
|
XICOR[Xicor Inc.]
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
25.171.0253.0 25.163.7253.0 25.161.7153.0 25.160.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5mm; Wire Size (AWG):12-22; Mounting Type:PC Board 16 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
2-796410-0 1-796410-1 2-796410-1 1-796410-3 1-7964 |
10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
|
Tyco Electronics
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CAT28F001 CAT28F001P-12BT CAT28F001TI-70BT CAT28F0 |
90ns 1M-bit CMOS boot block flash memory 70ns 1M-bit CMOS boot block flash memory 150ns 1M-bit CMOS boot block flash memory 120ns 1M-bit CMOS boot block flash memory 120ns 1M-bit CMOS Boot Block Flash Memory 1 Megabit CMOS Boot Block Flash Memory
|
CATALYST[Catalyst Semiconductor]
|