PART |
Description |
Maker |
TT430N18KOC-A TT430N20KOF-K TT430N20KOC-A TT430N22 |
800 A, 1800 V, SCR MODULE-7 800 A, 2000 V, SCR MODULE-7 800 A, 2200 V, SCR MODULE-7 150 A, 800 V, SCR 900 A, 800 V, SCR 900 A, 600 V, SCR 800 A, 800 V, SCR 120 A, 1600 V, SCR
|
Infineon Technologies AG
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
CS16-06GO2 CS5-06GO2 CS5-02GO2 CS112-12IO8 CS52-14 |
30 A, 600 V, SCR, TO-208AA 18.055 A, 600 V, SCR, TO-64 18.055 A, 200 V, SCR, TO-64 220 A, 1200 V, SCR, TO-209AC 120 A, 1400 V, SCR, TO-209AC
|
IXYS CORP
|
IST110A-6 ISTF160-5F35 ISTF160-3F35 IST85-13 IST85 |
175 A, 600 V, SCR 355 A, 500 V, SCR 355 A, 300 V, SCR 175 A, 1300 V, SCR 175 A, 300 V, SCR 355 A, 200 V, SCR 355 A, 1000 V, SCR
|
|
VSKT170-04 VSKT17010 VSKT170-08 VSKT170-12 VSKT170 |
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Siliconix
|
WG1204301 WG20042R23 WG12032R23 WESTCODESEMICONDUC |
4300 V, GATE TURN-OFF SCR 4200 V, GATE TURN-OFF SCR 3200 V, GATE TURN-OFF SCR 1400 V, GATE TURN-OFF SCR 3400 V, GATE TURN-OFF SCR 4100 V, GATE TURN-OFF SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
WPH220-12 WPT224-22 WPT220-12 WPT132-12 |
392.5 A, 1200 V, SCR 376.8 A, 2200 V, SCR 204.1 A, 1200 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
ST1200C20K0 ST1200C20K0L ST1200C..KSERIES 2663 ST1 |
PHASE CONTROL THYRISTORS From old datasheet system 1400V 1650A Phase Control SCR in a A-24 (K-Puk) package 1800V 1650A Phase Control SCR in a A-24 (K-Puk) package 1200V 1650A Phase Control SCR in a A-24 (K-Puk) package 2000V 1650A Phase Control SCR in a A-24 (K-Puk) package 1600V 1650A Phase Control SCR in a A-24 (K-Puk) package Silicon Controlled Rectifier, 3080 A, 1600 V, SCR, KPUK-2
|
IRF[International Rectifier] Vishay Semiconductors
|
C-CWP347-18 T-CWP347-12 T-CWP347-18 W-CWP347-18 C- |
392.5 A, 1800 V, SCR 392.5 A, 1200 V, SCR 47.1 A, 1200 V, SCR 37.68 A, 1200 V, SCR 81.64 A, 800 V, SCR 81.64 A, 1200 V, SCR
|
IXYS, Corp. IXYS CORP
|
C390MX500 C390AX500 C390BX500 C390CX500 C390DX500 |
CAP 2700PF 200V 200V X7R RAD.20 .30X.30 BULK R-MIL-PRF-39014 STANDOFF 975 A, 600 V, SCR Phase Control SCR 620 Amperes Avg 100-600 Volts 975 A, 200 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
|