PART |
Description |
Maker |
IDT71124 IDT71124S12Y IDT71124S12YI IDT71124S15Y I |
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout 128K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
UPD4264405G5-A50-7JD UPD4265405G5-A50-7JD UPD42S65 |
2-Mbit (128K x 18) Flow-Through SRAM with NoBL Architecture x4 EDO Page Mode DRAM 512K (32K x 16) Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 128K x 8 Static RAM 128K的8静态RAM
|
Omron Electronics, LLC
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
CY7C1019V33-15VC CY7C1019V33L-12VC CY7C1019V33L-15 |
128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
W24L010A W24L010A-10 W24L010A-12 W24L010A-15 W24L0 |
From old datasheet system Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDIP32
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
IDT70V3319S133PRFI IDT70V3399S166PRFI IDT70V3319S1 |
HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V56/128K × 18 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 15 ns, PQFP128
|
Integrated Device Technology, Inc.
|
CY62136VNLL-55BAI CY62136VNLL-70BAXA CY62136VNLL-5 |
2-Mbit (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|