PART |
Description |
Maker |
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
FDI025N06 |
60V N-Channel PowerTrenchMOSFET N-Channel PowerTrench㈢ MOSFET 60V, 265A, 2.5mヘ N-Channel PowerTrench? MOSFET 60V, 265A, 2.5mΩ
|
Fairchild Semiconductor
|
STP140NF75 STB140NF75-1 STB140NF75 STB140NF75T4 -S |
N-CHANNEL 75V - 0.0065 ohm -120A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL Power MOSFET N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 75V - 0.0065OHM -120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 75V - 0.0065OHM -120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
|
STMicroelectronics ST Microelectronics
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRFY044CM |
60V 0.040Ω N-Channel HEXFET Power MOSFET(60V 0.040Ω N沟道 HEXFET 功率 MOS场效应管) 60V.040ΩN沟道HEXFET功率MOSFET60V.040Ω沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|
HUFA76432S3S HUFA76432P3 HUFA76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 55A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 55A条(丁)|63AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQT13N06L FQT13N06LTF FQT13N06LL99Z |
60V LOGIC N-Channel MOSFET 60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET 2800 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
NDT2955 NDT2955J23Z |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 2.5A I(D) | SOT-223 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 2.5AI(四)|的SOT - 223 P-Channel Enhancement Mode Field Effect Transistor2.5A60V.3ΩP沟道增强型场效应管(漏电2.5A, 漏源电压-60V,导通电.3Ω
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FQI55N06 FQB55N06 FQB55N06TM |
60V N-Channel QFET 60V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|