PART |
Description |
Maker |
IXFH21N50 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(??ぇ婕???荤┛?靛?00V,瀵奸??甸?.25惟??娌??澧?己??HiPerFET???MOSFET)
|
IXYS CORP
|
IXFN180N20 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电0mΩ的N沟道增强型HiPerFET功率MOSFET) HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS Corporation
|
IXFH4N100 IXFT4N100 IXFH4N100Q IXFT4N100Q |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电.0Ω的N沟道增强型HiPerFET功率MOSFET) 4 A, 1000 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 4A I(D) | TO-247AD HiPerFET Power MOSFETs Q-Class Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFN44N50U2 IXFN44N50U3 IXFN48N50U2 IXFN48N50U3 IX |
HiPerFET Power MOSFET (Buck & Boost Configurations for PFC & Motor Control Circuits最大漏源击穿电00V,导通电.10Ω的N沟道增强型HiPerFET功率MOSFET(步步降配置,用于PFC和电机控制电路)) HiPerFET Power MOSFETs MOSFET Modules
|
IXYS Corporation
|
IXFM6N90 IXFH6N100 IXFH6N90 IXFM6N100 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电2.0Ω的N沟道增强HiPerFET功率MOSFET) 6 A, 1000 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFH76N07-12 IXFH76N06-11 IXFH76N06-12 IXFH76N07-1 |
HiPerFET Power MOSFETs 76 A, 60 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 76 A, 70 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 HiPerFET Power MOSFETs 76 A, 70 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 HiPerFET Power MOSFETs 76 A, 60 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFT66N20Q IXFH66N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXFC16N50P |
PolarHV HiPerFET Power MOSFET MOSFET N-CH 500V 16A ISOPLUS220
|
http:// IXYS CORP
|
IXFC80N085 IXFC80N08 |
N-channel MOSFET, 85V, 80A HIPERFET-TM MOSFET ISOPLUS220-TM
|
IXYS[IXYS Corporation]
|
IXFN130N30 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS http://
|
IXFE180N20 |
HiPerFET Power MOSFETs Single Die MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
|