PART |
Description |
Maker |
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 |
CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
XE0020C XE0020 |
Silver Mica Capacitor; Capacitance:300pF; Capacitance Tolerance: /- 1%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No 电话线接口,具有活性在线监 From old datasheet system Telephone Line Interface with Active Line Monitoring
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LMU112JC50 LMU112PC50 LMU112 LMU112JC25 LMU112PC25 |
Silver Mica Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No 12 x 12-bit Parallel Multiplier 12-BIT, DSP-MULTIPLIER, PDIP48
|
http:// LODEV[LOGIC Devices Incorporated] Logic Devices, Inc.
|
CAT34AC02JA CAT34AC02ZI-TE13 CAT34AC02 CAT34AC02JA |
Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:24; Connector Shell Size:24; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Pin; Gender:Female Silver Mica Capacitor; Capacitance:4300pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No MB 55C 55#20 SKT RECP 2K-Bit SMBus EEPROM for ACR Card Configuration K位的SMBus对于ACR卡的EEPROM配置 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% K位的SMBus对于ACR卡的EEPROM配置 Mounting Bracket; Body Material:Plastic; Color:Black; Outer Diameter:2.063" RoHS Compliant: Yes K位的SMBus对于ACR卡的EEPROM配置
|
http:// CATALYST[Catalyst Semiconductor] Honeywell International, Inc. KEMET Corporation
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
1N6672 1N6672JANTXV |
Silver Mica Capacitor; Capacitance:220pF; Capacitance Tolerance: /- 1%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Circular Connector; No. of Contacts:100; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 30 A 300V COMMON CATHODE DUAL ULTRAFAST RECTIFIER
|
Microsemi Corporation
|
BL-XA1361 BL-XF0361 BL-XJB361 BL-XJD361 BL-XJF361 |
D-Subminiature Connector; Gender:Male; No. of Contacts:9; Contact Termination:Through Hole; D Sub Shell Size:DB9; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: 5%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No BRACKET RoHS Compliant: Yes AXIAL LED LAMPS 轴向LED节能
|
Yellow Stone Corp 早安股份有限公司 Yellow Stone, Corp.
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CAT1022LE-30TE13 CAT1022LE-45TE13 CAT1022LE-42TE13 |
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, DSO8 Style A Potting Box Enclosure; Enclosure Material:ABS Plastic; External Height:1"; External Width:1.5"; External Depth:2"; Enclosure Color:Black 监控电路,带有I2C串行K位CMOS EEPROM中,手动复位和看门狗定时 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Cable Gland (Clamp); Cable Bundle Diameter Max:0.315"; Thread Size:PG 9 监控电路,带有I2C串行K位CMOS EEPROM中,手动复位和看门狗定时 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:30VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:78000uF RoHS Compliant: Yes HARDWARE Silver Mica Capacitor; Capacitance:24pF; Capacitance Tolerance: /- 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:24pF; Capacitance Tolerance: 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:64-LQFP; IC Generic Number:42428; Leaded Process Compatible Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:8; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:64-LQFP; IC Generic Number:42418; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:8; Operating Temp. Max:70 C; Operating Temp. Min:-10 C DC37PF179C 0.094 IN (2.39 MM) DIAMETER Silver Mica Capacitor; Capacitance:750pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:64-LQFP; IC Generic Number:42426; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:6; Operating Temp. Max:70 C; Operating Temp. Min:-10 C Silver Mica Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:110pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No
|
YEONHO Electronics Co., Ltd. Vicor, Corp. STMicroelectronics N.V. Omron Electronics, LLC TE Connectivity, Ltd. Square D by Schneider Electric Bourns, Inc. BRILLIANCE SEMICONDUCTOR, Inc. Atmel, Corp. 3M Company Infineon Technologies AG Cypress Semiconductor, Corp. HIROSE ELECTRIC Co., Ltd. ON Semiconductor EEPROM Catalyst Semiconductor
|
MX29LV160BBTC-70G MX29LV160BBTC-90G MX29LV160BBTI- |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 10A 45V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 10A 60V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 10A 80V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 MICA RoHS Compliant: No 1 A 20 V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 1 A 20 V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 Silver Mica Capacitor; Capacitance:7pF; Capacitance Tolerance: 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:3pF; Capacitance Tolerance: /- 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:8pF; Capacitance Tolerance: /- 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1A 100V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Tape and Reel; Qty per Container: 5000 10A 90V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 10A 100V H-Series Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1,600位[2Mx8/1Mx16] CMOS单电V时仅闪存 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
TS23 |
MICA CAPACITOR
|
Suntan Capacitors
|
|