PART |
Description |
Maker |
V751DHB34 V111DHB34 V131DHB34 V141DHB34 V151DHB34 |
Varistor Products - High Energy Industrial
|
LITTELFUSE[Littelfuse]
|
V111DHB34 |
Varistor Products - High Energy Industrial 压敏电阻器产高能源产
|
Littelfuse, Inc.
|
V270MA4B |
Varistor Products - Axial Lead 压敏电阻器产轴向引线
|
Littelfuse, Inc.
|
V33ZA70 |
(ZA Series) Varistor Products - Low to Medum Voltage / Radial Lead
|
Littelfuse
|
V18AUMLA2220H V18AUMLA1812 |
Varistor Products Surface Mount Multilayer Varistors (MLVs) > AUML Series
|
Littelfuse
|
IDTQS316233PA IDTQS316233 QS316233_DS_38582 IDTQS3 |
From old datasheet system QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX QUICKSWITCH?? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX 316233 SERIES, DUAL 8-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
IDTQS32XR862 QS32XR862_DS_12907 IDTQS32XR862Q1 QS3 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH From old datasheet system QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH WITH FLOW-THROUGH PINOUT
|
IDT[Integrated Device Technology]
|
V14E150 V20E300 V14E275P V10E230 V14E150P V07E175P |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT08; Number of Contacts:3; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Right Angle Plug 压敏电阻器产高浪涌电流,径向引线 IC LOGIC 3126 QUAD FET BUS SWITCH -40 85C TSSOP-14 96/TUBE 压敏电阻器产高浪涌电流,径向引线 IC PCI-PCI BRIDGE ASYNC 256-PBGA Varistor Products - High Surge Current, Radial Lead
|
Littelfuse, Inc. http://
|
IDTQS3VH2862 |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 10-BIT ACTIVE HIGH AND LOW ENABLE, HIGH BANDWIDTH SWITCH
|
IDT
|