PART |
Description |
Maker |
V300C5T200B V300A5C200B V300A5H200B V300A5M200B V3 |
300Vin / 5Vout / 200Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
V375A5C400B V375C5T400B V375A5H400B V375A5M400B V3 |
375Vin / 5Vout / 400Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
V24C15T200B V24A15C200B V24A15H200B V24A15M200B V2 |
24Vin / 15Vout / 200Watts DC-DC Converter Module 24Vin / 15Vout / 200Watts DC - DC转换模块
|
Vicor, Corp. VICOR[Vicor Corporation]
|
V24B24C200B V24C24T200B V24A24C200B V24A24H200B V2 |
24Vin / 24Vout / 200Watts DC-DC Converter Module 24Vin / 24Vout / 200Watts DC - DC转换模块
|
Vicor, Corp. VICOR[Vicor Corporation]
|
TV02W150B-HF TV02W120B-HF TV02W280B-HF TV02W330B-H |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=15V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=30V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=200Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=200Watts, V-RWM=75V, Tolerance=5%
|
Comchip Technology
|
VI-882580 VI-882550 VI-882551 VI-882552 VI-882553 |
24Vin / 15Vout / 200Watts DC-DC Converter Module
|
Vicor Corporation
|
V24C28T200B V24A28C200B V24A28H200B V24A28M200B V2 |
24Vin / 28Vout / 200Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
SMF5.0A11 SMF130A SMF28CA |
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
|
Micro Commercial Components Micro Commercial Compon...
|
V375A3V3C264B V375C3V3T264B V375A3V3H264B V375A3V3 |
375Vin / 3.3Vout / 264Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
V375C12C300A V24A12C300A V24B12C300A V24C12C300A V |
375Vin / 28Vout / 300Watts DC-DC Converter Module
|
Vicor Corporation
|
SQ100-48-2.5 SQ100-48-2.5N |
48Vin 2.5Vout 25A
|
Broadband TelCom Power, Inc.
|