PART |
Description |
Maker |
JSH-01LWAA1 |
10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
|
JDS Uniphase Corporation
|
JSH-01LWAB1 |
10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
|
JDS Uniphase Corporation
|
NX7313UA-AZ NX7313UA |
NECs 1310 nm InGaAsP MQW FP TOSA FOR GIGABIT ETHERNET APPLICATION
|
CEL[California Eastern Labs]
|
GBS-7030G |
5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
|
Optoway Technology Inc
|
GBB-7510G |
1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
|
http:// Optoway Technology Inc
|
GBB-7400G |
1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Multi-Mode WDM Gigabit Interface Converter (GBIC)
|
http:// Optoway Technology Inc
|
V23848-M15-C656 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
FTLX1451E2 FTLX1451E2S FTLX1451F2 |
RoHS-6 Compliant 1310nm XPAK Transponder
|
Finisar Corporation.
|
SBH52414G SBH51414G SBH52414N SBH52414Z SBH51414N |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving AC Series Door Switch, Single Pole Double Throw Circuitry, 10 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination
|
http:// INFINEON[Infineon Technologies AG]
|
SBH92314Z-FSAN SBH92314G-FSAN SBH92314N-FSAN SBH92 |
WIRE CLIP FOR SCA-2700WC MULTI DVI DAISY CHAINABLE RECEIVER -FIBER High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving
|
INFINEON[Infineon Technologies AG]
|
SBH52414N-FSAN SBH52414Z-FSAN SBH52414G-FSAN SBH52 |
High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving 高功率比迪光学标准模310纳米发光550纳米接收 2 GANG DEEP DEVICE BOX SCA-294 Components and FTTx solutions - Tx 1310nm/Rx 1550nm High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving
|
INFINEON[Infineon Technologies AG]
|